Part Number Hot Search : 
PSP4801 60PVL1 SP600212 8P05S UT54A LA6529M CXA2581 56HFA
Product Description
Full Text Search
 

To Download CC10-620NJ-RC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS
Ceramic Core Chip Inductors
Inches Dimensions: (mm)
0.115 Max (2.92)
CC10
0.079 Max (2.03)
0.110 Max (2.79) 0.0200.004 (0.510.10)
0.006 min. 0.15 min. 0.0800.004 (2.030.10) 0.050 (1.27)
0.100 (2.54) 0.040 (1.02)
Allied Part Number CC10-10NK-RC CC10-12NK-RC CC10-15NK-RC CC10-18NK-RC CC10-22NJ-RC CC10-27NJ-RC CC10-33NJ-RC CC10-39NJ-RC CC10-47NJ-RC CC10-56NJ-RC CC10-68NJ-RC CC10-82NJ-RC CC10-100NJ-RC CC10-120NJ-RC CC10-150NJ-RC CC10-180NJ-RC CC10-220NJ-RC CC10-270NJ-RC CC10-330NJ-RC CC10-390NJ-RC CC10-470NJ-RC CC10-560NJ-RC CC10-620NJ-RC CC10-680NJ-RC CC10-750NJ-RC CC10-820NJ-RC CC10-910NJ-RC CC10-1000NJ-RC CC10-1200NJ-RC CC10-1500NJ-RC CC10-1800NJ-RC CC10-2200NJ-RC
Inductance Tolerance Test (nh) (%) Freq. (MHz) 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 620 680 750 820 910 1000 1200 1500 1800 2200 10 10 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 50 50 50 50 50 50 50 50 50 50 50 50 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 25 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 2.52 2.52
Q Min.
Test Freq. (MHz) 500 500 500 350 350 350 350 350 350 350 350 350 350 350 100 100 100 100 100 100 100 100 100 100 100 100 50 50 50 50 50 50 25 25 25 25 7.9 7.9 7.9 7.9 7.9
SRF Min. (MHz) 4100 3300 2500 2500 2400 1600 1600 1500 1500 1300 1300 1000 1000 950 850 750 700 600 570 500 450 415 375 375 360 350 320 290 250 200 160 160 140 110 100 90 45 40 25 25 20
DCR Max. () 0.08 0.09 0.10 0.11 0.12 0.13 0.14 0.15 0.16 0.18 0.20 0.22 0.56 0.63 0.70 0.77 0.84 0.91 1.05 1.12 1.19 1.33 1.40 1.47 1.54 1.61 1.68 1.75 2.00 2.30 2.60 2.80 3.20 3.40 3.60 4.00 4.00 4.90 6.00 8.00 11.00
Rated Current (mA) 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 650 650 580 620 500 500 450 470 470 400 300 400 360 400 380 370 310 330 300 280 290 290 260 260 240 200 170 150 100
Features * 1008 size suitable for pick and place automation * Low Profile under 2.03mm * Ceramic core provide high self resonant frequency. * High Q values at high frequencies * Ceramic core also provides excellent thermal and batch consistency Electrical Inductance Range: 10nH to 15,000nH Tolerance: 5% over entire range, except 10nH thru 18nH they are available in 10% Most values available in tighter tolerances Test Frequency: At specified frequency with Test OSC @ 200mV Operating Temp: -40C ~ 125C Irms: Based on 15C temperature rise @ 25 Ambient. Resistance to Soldering Heat Test Method: Reflow Solder the devide onto PCB Peak Temp: 260C 5C for 10 sec. Solder Composition: Sn/Ag3.0/Cu0.5 Total test time: 6 minutes Test Equipment (L/Q): HP4286A / HP4287A /Agilent E4991A (SRF): HP8753D / Agilent E4991 (RDC): Chen Hwa 502BC Irms: HP4284A + HP42841A / HP4285A + HP42841A Physical Packaging: 2000 pieces per 7 inch reel. Marking: Three Dot Color Code System
50 50 50 50 55 55 60 60 65 65 65 60 60 60 45 45 45 45 45 45 45 45 45 45 45 45 35 35 35 28 28 28 22 22 20 20 18 18 18 18 15
CC10-2700NJ-RC 2700 CC10-3300NJ-RC 3300 CC10-3900NJ-RC 3900 CC10-4700NJ-RC 4700 CC10-5600NJ-RC 5600 CC10-6800NJ-RC 6800 CC10-8200NJ-RC 8200 CC10-10000NJ-RC 10000 CC10-15000NJ-RC 15000
Also available in 5% = J and 2% = G All specifications subject to change without notice.
714-665-1140
ALLIED COMPONENTS INTERNATIONAL
REVISED 7/1/10
www.alliedcomponents.com


▲Up To Search▲   

 
Price & Availability of CC10-620NJ-RC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X